PART |
Description |
Maker |
LRI64-W4/XXX LRI64-A1T/XXX LRI64-A7T/XXX LRI64-MBT |
Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
|
STMicroelectronics 意法半导
|
LRI64 LRI64-A1S LRI64-A1S/1GE LRI64-A1T LRI64-A1T/ |
Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO 15693 Standard Compliant 内存标签IC64位唯一ID与WORM的用户区13.56,ISO 15693标准兼容 CONN HOUSING 2MM 18POS POLARIZED
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
M35102-W4 M35102 M35102-C20 M35102-C30 M35102-S4 |
Contactless Memory Chip with 64-bit Unique Serial ID 13.56 MHz / 2048-bit High Endurance EEPROM Contactless Memory Chip with 64-bit Unique Serial ID 13.56 MHz, 2048-bit High Endurance EEPROM
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IDT6178S IDT6178S10D IDT6178S10DB IDT6178S10P IDT6 |
CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM Low-Power JFET-Input Operational Amplifier 8-PDIP 0 to 70 4K X 4 CACHE TAG SRAM, 15 ns, CDIP22 Dual Low-Power JFET-Input General-Purpose Operational Amplifier 8-SOIC 0 to 70 4K X 4 CACHE TAG SRAM, 15 ns, PDSO24 CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM 4K X 4 CACHE TAG SRAM, 25 ns, PDSO24 CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM 4K X 4 CACHE TAG SRAM, 25 ns, CDIP22 IC 8-BIT BUS SW 2-PORT 20-QSOP
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
LRI512 7686 |
From old datasheet system Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
|
STMICROELECTRONICS[STMicroelectronics]
|
M5M29KE131BVP |
Memory>NOR type Flash Memory 134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY Stacked-uMCP (micro Multi Chip Package)
|
Renesas Electronics Corporation
|
LH28F400BG-TL85 LH28F400BG-L85 LH28F400BG LH28F400 |
4M-BIT (256 x 16) SmartVoltage Flash Memory 4M-BIT (256KB x16) SmartVoltage Flash MEMORY 4M-BIT(256KBx16) SmartVoltage Flash MEMORY 4M-BIT (256K x 16)Smart Voltage Flash Memory
|
SHARP[Sharp Electrionic Components]
|
M24SR64-YMC6T/2 |
64-Kbit Dynamic NFC / RFID tag with NFC Forum Tag Type 4 and I2C interface
|
ST Microelectronics
|
MCM69T618 MCM69T618TQ5 MCM69T618TQ5R |
64K x 18 Bit Synchronous Pipelined Cache Tag RAM
|
MOTOROLA INC MOTOROLA[Motorola, Inc]
|
MCM67T415 MCM67T415TQ |
16K x 15 Bit Cache Tag RAM for Pentium Processors
|
Motorola, Inc
|
MCM67T415TQ |
16K x 15 Bit Cache Tag RAM for Pentium Processors 16K的15位高速缓存标记RAM的奔腾处理器
|
Motorola Mobility Holdings, Inc.
|